Part Number Hot Search : 
1N5927B E13002 TM7201 BL8068 TX1N5 HCC40 KF15BDT T54FC
Product Description
Full Text Search
 

To Download 3DD13003B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3DD13003B 1.5a , 700v npn plastic-encapsulated transistor elektronische bauelemente 15-jun-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 3 base 1 emitter collector 2 rohs compliant product a suffix of -c specifies halogen & lead-free features  power switching applications absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 700 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9 v collector current - continuous i c 1.5 a collector power dissipation p c 900 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test condition collector to base breakdown voltage v (br)cbo 700 - - v i c =1ma, i e =0 collector to emitter breakdown voltage v (br)ceo 400 - - v i c =10ma, i b =0 emitter to base breakdown voltage v (br)ebo 9 - - v i e =1ma, i c =0 collector cut C off current i cbo - - 100 a v cb =700v, i e =0 i ceo 50 v ce =400v, i b =0 emitter cut C off current i ebo - - 10 a v eb =7v, i c =0 dc current gain h fe 20 - 30 v ce =10v, i c =400ma collector to emitter saturation voltage v ce(sat)1 - - 3 v i c =1.5a, i b =500ma v ce(sat)2 - - 0.8 i c =0.5a, i b =100ma base to emitter saturation voltage v be(sat) - - 1 v i c =0.5a, i b =100ma transition frequency f t 4 - - mhz v ce =10v, i c =100ma, f =1mhz storage time t s - - 4 s i b1 = -i b2 =0.2a fall time t f - - 0.7 s i c =1a 1 11 1 emitter 2 22 2 collector 3 33 3 base to-92 ref. millimeter min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1.10 - j 2.42 2.66 k 0.36 0.76 a c e f d g h j b
3DD13003B 1.5a , 700v npn plastic-encapsulated transistor elektronische bauelemente 15-jun-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 3DD13003B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X